Part Number Hot Search : 
S9013 WKO102 SMCJ90 01M10 70022 0603CR25 ADM3490 N5333
Product Description
Full Text Search
 

To Download CPC1008N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CPC1008N 4-pin sop optomos ? relay www.clare.com ds-CPC1008N-r05 1 part # description CPC1008N 4-pin sop (100/tube) CPC1008Ntr 4-pin sop (2000/reel) parameter rating units blocking voltage 100 v p load current 150 ma max on-resistance 8 applications features description ordering information pin configuration ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? meters (watt-hour, water, gas) ? medical equipment?patient/equipment isolation ? security systems ? aerospace ? industrial controls ? reed relay replacement ? small 4-pin sop package ? low drive power requirements (ttl/cmos compatible) ? no moving parts ? high reliability ? arc-free with no snubbing circuits ? 1500v rms input/output isolation ? no emi/rfi generation ? machine insertable, wave solderable ? tape & reel version available CPC1008N is a miniature, low-voltage, low on-resistance 1-form-a solid state relay in a 4-pin sop package. the relay uses optically coupled mosfet technology to provide 1500v rms of input/ output isolation. the efficient mosfet switches and photovoltaic die use clare?s patented optomos architecture. the optically coupled output is controlled by a highly efficient gaaias infrared led. the CPC1008N uses clare?s state of the art double-molded vertical construction packaging to produce one of the world?s smallest relays. the CPC1008N is ideal for replacing larger, less-reliable reed and electromechanical relays. approvals ? ul recognized component: file # e76270 ? en/iec 60950-1 compliant ? csa certified component: certificate # 1172007 1 2 3 4 + control C control load load switching characteristics of normally open (form a) devices control i load 10% 90% t on t off + +
www.clare.com 2 CPC1008N r05 absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. absolute maximum ratings (@ 25?c) parameter ratings units blocking voltage 100 v p reverse input voltage 5 v input control current peak (10ms) 50 ma 1a input power dissipation 70 mw total power dissipation 1 400 mw capacitance input to output 1 pf isolation voltage, input to output 1500 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c 1 derate linearly 3.33 mw / oc parameter conditions symbol min typ max units output characteristics @ 25? load current continuous 1 -i l 150 ma peak t=10ms i lpk - - 350 on-resistance 2 i l =150ma r on - 4.7 8 off-state leakage current v l =100v i leak --1a switching speeds turn-on i f =5ma, v l =10v t on --2 ms turn-off t off - - 0.5 output capacitance 50v; f=1mhz c out -25 -pf input characteristics @ 25? input control current i l =150ma i f --2ma input dropout current - i f 0.3 0.4 - ma input voltage drop i f =5ma v f 0.9 1.2 1.4 v reverse input current v r =5v i r - - 10 a 1 load current derates linearly from 150ma @ 25 o c to 120ma @ 85 o c. 2 measurement taken within 1 second of on time. electrical characteristics
CPC1008N www.clare.com 3 r05 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. 35 30 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 led forward voltage drop (v) device count (n) CPC1008N typical led forward voltage drop (ambient temperature = 25?) i f = 5ma 35 30 25 20 15 10 5 0 3.92 4.56 5.20 5.84 4.24 4.88 5.52 device count (n) CPC1008N typical on-resistance distribution (ambient temperature = 25?) (load current = 150ma, i f = 2ma) on-resistance ( ) 35 30 25 20 15 10 5 0 111 113 115 117 112 114 116 blocking voltage (v p ) device count (n) CPC1008N typical blocking voltage distribution (ambient temperature = 25?) 35 30 25 20 15 10 5 0 0.30 0.40 0.50 0.25 0.35 0.45 0.55 led current (ma) device count (n) CPC1008N typical i f for switch operation (ambient temperature = 25?) (load current = 100ma) 35 30 25 20 15 10 5 0 0.30 0.40 0.50 0.25 0.35 0.45 0.55 led current (ma) device count (n) CPC1008N typical i f for switch dropout (ambient temperature 25?) (load current = 100ma) 0.285 0.345 0.405 0.465 0.315 0.375 0.435 turn-on (ms) device count (n) 25 20 15 10 5 0 CPC1008N typical turn-on time (ambient temperature = 25?) (load current = 150ma; i f = 5ma) 0.282 0.294 0.306 0.318 0.312 0.300 0.288 turn-off (ms) device count (n) 25 20 15 10 5 0 CPC1008N typical turn-off time (ambient temperature = 25?) (load current = 150ma; i f = 5ma) CPC1008N typical maximum load current vs. temperature load current (ma) 190 180 170 160 150 140 130 120 110 100 temperature (?) -40 -20 0 20 40 60 80 120 100 i =5ma f i =10ma f CPC1008N typical leakage vs. temperature (measured across pins 3 & 4) i l = max rated -40 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0 -20 0 20 40 60 80 100 temperature (?) leakage (?) CPC1008N typical blocking voltage vs. temperature blocking voltage (v p ) -40 122 120 118 116 114 112 110 108 -20 0 20 40 60 80 100 temperature (?) CPC1008N typical turn-on vs. temperature (load current = 100ma) i f =5ma i f =10ma turn-on (ms) -40 2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0 -20 0 20 40 60 80 100 temperature (?) CPC1008N typical turn-off vs. temperature (load current = 100ma) temperature (?) turn-off (ms) -40 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -20 0 20 40 60 80 100 i f =5ma
www.clare.com 4 CPC1008N r05 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. CPC1008N typical led forward voltage drop vs. temperature led forward voltage drop (v) 1.8 1.6 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 120 100 temperature (?) i f =50ma i f =30ma i f =20ma i f =10ma i f =5ma CPC1008N typical turn-on vs. led forward current (load current = 120ma) led forward current (ma) turn-on (ms) 0 5 1015202530354045 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 50 CPC1008N typical turn-off vs. led forward current (load current = 120ma) led forward current (ma) turn-off (ms) 0 5 1015202530354045 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 50 CPC1008N typical on-resistance vs. temperature (load current = max rated @ temperature) -40 12 10 8 6 4 2 0 -20 0 20 40 60 80 100 i f = 10ma i f = 5ma temperature (?) on-resistance ( ) CPC1008N typical i f for switch operation vs. temperature (load current = 100ma) led current (ma) -40 1.50 1.25 1.00 0.75 0.50 0.25 0 -20 0 20 40 60 80 100 temperature (?) CPC1008N typical i f for switch dropout vs. temperature (load current = 100ma) led current (ma) -40 1.50 1.25 1.00 0.75 0.50 0.25 0 -20 0 20 40 60 80 100 temperature (?) load voltage (v) load current (ma) 150 100 50 0 -50 -100 -150 -1.5 -1.0 -0.5 0 0.5 1.0 1.5 CPC1008N typical load current vs. load voltage (ambient temperature = 25?) i f = 5ma CPC1008N energy rating curve time load current (a) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1ms 100ms 1s 10ms 10s 100s 10s 100s
clare, inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publica tion and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity are expressed or implied. except as set forth in clare?s standard terms and conditions of sale, clare, inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products incl uding, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of clare?s product may result in direct physical harm, i njury, or death to a person or severe property or environmental damage. clare, inc. reserves the right to discontinue or make changes to its products at any time without notice. specification: ds-CPC1008N-r05 ?copyright 2008, clare, inc. optomos? is a registered trademark of clare, inc. all rights reserved. printed in usa. 2/27/08 for additional information please visit our website at: www.clare.com 5 CPC1008N mechanical dimensions manufacturing information moisture sensitivity clare has characterized the moisture reflow sensitivity of this package, and has determined that this component must be handled in accordance with ipc/jedec standard j-std-033 moisture sensitivity level (msl), level 3 classification. soldering reflow profile for proper assembly, the component must be processed in accordance with the current revision of ipc/jedec standard j-std-020. failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. washing clare does not recommend ultrasonic cleaning or the use of chlorinated solvents. 4-pin sop package recommended pcb land pattern 2.54 (0.10) 5.60 (0.2205) 1.30 (0.0512) 0.55 (0.0217) pin 1 4.089 0.203 (0.161 0.008) 2.54 typ (0.100 typ) 6.096 0.102 (0.240 0.004) 3.810 0.076 (0.150 0.003) 0.432 typ. (0.017 typ.) 0.200 0.025 (0.008 0.001) 1.02 0.025 (0.040 0.001) dimensions mm (inches) 2.184 max (0.086 max) 0.381 typ. (0.015 typ.) 0.0254 - 0.102 (0.001 - 0.004) embossment embossed carrier 330.2 dia (13.00 dia) top cover tape thickness 0.102 max (0.004 max) note: tape dimensions not shown comply with jedec standard eia-481-2 tape and reel packaging for 4-pin sop package user direction of feed b 0 =4.70 (0.185) w=12.00 max (0.472 max) p=8.00 (0.315) a 0 =6.50 (0.256) pin 1 k 0 =2.70 (0.106) k 1 =2.30 (0.091) dimensions mm (inches)


▲Up To Search▲   

 
Price & Availability of CPC1008N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X